Part Number Hot Search : 
133AC MAX141 FCH30B10 2SD19 MAX967 NTD42 HV632X ZMM5254
Product Description
Full Text Search
 

To Download 1680A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Getting There Just Got Easier
Agilent 1680 and 1690 Series Logic Analyzers
Solve critical digital design problems faster
Getting there just got easier
When you're debugging a design, you need to focus on solving your problems--not on mastering your debug tools. That's the thinking behind Agilent Technologies' 1680 and 1690 Series logic analyzers. These instruments work intuitively, so you can answer critical design questions without first becoming an expert in measurement instruments. You'll understand your logic analyzer right out of the box--thanks to the familiar Windows(R)-based features, the easy-to-navigate interface and the straightforward triggering. High performance doesn't mean difficult to operate. Just turn the instrument on and you're ready to solve.
.............................................................................................
Performance with Headroom
You get accurate and reliable measurements for today's processors and buses, with power to cover future technology trends: * 200 MHz state * Up to 800 MHz timing with 4 M of memory depth * 200 MHz transitional timing
Instant Familiarity and Insights
The single-screen operation, intuitive triggering and familiar Windows interface provide answers quickly and easily--so you can focus on debugging your design.
Fitting Your Work Style
Small-footprint standalone and PC-hosted models are available for integration into your debug environment. And offline analysis capabilities allow you to continue making measurements while you work at getting answers. These instruments work the way you work.
2
Windows Familiarity and Single-Screen Operation
A familiar Windows-based user interface takes the complexity out of making logic analyzer measurements. You'll feel right at home from the moment you turn on the instrument. And if you haven't used your logic analyzer in a while, you won't have to spend hours getting reacquainted with its features.
.........................................................................................
Perform all operations directly from the main screen--as you would with a PC application such as Microsoft(R) Word or Excel.
Access the most frequently used features via icons.
Select advanced features from the standard Windows menu bar.
Expand/compress buses with Windows-like symbols.
.........................................................................................
Three measurement modes
State Analysis
State analysis uses a signal from your system under test to determine when to sample. Because state analysis samples are synchronous to the system under test, they provide a view of what your system is executing. You can capture microprocessor and bus cycles and then convert the data into processor mnemonics or bus transactions with inverse assemblers from Agilent or one of our third-party partners.
Transitional Timing
If your system has bursts of activity followed by times with little activity, you can use transitional timing to capture a longer period of system activity. In transitional timing, the analyzer samples data at regular intervals but stores the data only when there is a transition on one of the signals.
Timing Analysis
Timing analysis uses the logic analyzer's internal clock to determine when to sample system activity. With up to 800 MHz sampling and 4 M deep memory, you'll see the order of events with high resolution over a long period of time.
3
When you know what you want to capture, trigger the way you think
.............................................................
During board turn-on and system debug, Agilent's straightforward triggering capabilities help you quickly narrow in on the root cause of a problem. You can capture every aspect of your design, from a simple stuck bit to the complex sequence of events leading up to a timing problem. The intuitive triggering helps you identify the cause of elusive problems in less time--so you can get to your solution quickly.
Selections for individual signals
Qualification selections for bus patterns
Simple Trigger
Set the trigger according to how you think about your target signals. Use standard events, such as rising edge, falling edge or pattern, to define a trigger event. These events are accessible via an easy pull-down menu. You can set the trigger for an event on the basis of activity on one or more buses or signals. Simply select the patterns, edge or levels for the signals that apply.
4
Set Quick Trigger
See something you didn't expect in the current trace? Simply draw a box around the questionable event and select Set Quick Trigger to see if it occurs again. You don't have to spend time defining the trigger. The instrument does the work for you.
Advanced Trigger
With the Advanced Trigger, you can customize a trigger for your specific situation. You can use trigger functions as individual trigger events or as building blocks for complex scenarios. Icons provide a graphical representation for each trigger function. Simply drag-anddrop an icon into the trigger sequence. To fully define the trace event, fill in the blanks with values or select standard options from the pull-down menu.
Trigger History/Recall
Save and name each trigger to create a series of your favorite triggers. Recall a previous trigger to test your latest defect fix. Have the confidence of knowing you can make the same measurement later without having to spend time setting up the instrument.
5
www.agilent.com/find/logic
Standalone 1680 Series
....................................................................
Agilent's 1680 Series standalone logic analyzers feature a 12.1-inch color display and convenient knobs and hot keys. A glance at the interface provides quick insights on your measurements, as well as information on the status of the instrument.
The 12.1-inch color display allows you to see more data. Viewing relationships between large amounts of signals and buses helps you identify a problem sooner. Backlit LEDs show you the current logic analyzer settings at a glance. Front panel knobs let you quickly change the vertical and position settings of the display. You can accurately place unlimited markers to make critical timing measurements. Cable flexibility allows you to conveniently access your target from the front or back of the standalone 1680 Series. A Default Setup key returns the logic analyzer to a known state--an important feature if you share your logic analyzer. The small footprint saves valuable workspace.
6
Connecting to your world
Each measurement you take provides additional clues to the cause of your design problems. Because access to your captured traces and the answers they provide is critical, your Agilent 1680 Series standalone logic analyzer gives you several options for data storage, retrieval and sharing. A 10/100Base-T LAN interface lets you easily print waveforms on networked printers, save your results on your office PC, and share information with others. The hard-drive capacity--40 GB minimum--allows you to store all of your setups and results for future recall. The 1.44 MB floppy drive makes it easy to save your setups to standard 3.5-inch floppy disks. Two IEEE 1394 ports enable connection of external hard drives or read/write CD-ROM drives for data storage and retrieval. Two USB ports enable the hot connection of mouse or keyboards. A mouse lets you point and click with ease, or you can choose a different pointing device that best meets your needs. A small keyboard is standard. Trigger In/Trigger Out BNCs allow you to trigger or arm external devices and to receive signals that can be used to arm the logic analyzer. A parallel printer port lets you print hard copies of screen graphics for project documentation. An external video port allows you to connect large displays. A 24x CD-ROM drive is used to update system software.
www.agilent.com/find/logic
7
..................................................................
Agilent's 1690 Series PC-hosted logic analyzers provide the lowest price point for high-performance logic analysis. They allow you to carry out your debug work in your familiar PC environment.
PC-hosted 1690 Series
...........................................................................................
An IEEE 1394 port provides direct connection to a 500 MHz minimum Intel(R) Celeron or AMD K-6 II (or equivalent) PC running Windows 2000 Professional. Purchase additional quantities of E5851A (IEEE 1394 PCI card and cable) so the instrument can be shared throughout the team. PC-hosting allows you to see your design with the same display size and resolution of your regular working environment. Trigger In/Trigger Out BNCs allow you to trigger or arm external devices and to receive signals that can be used to arm the logic analyzer. Cables connect conveniently to your target from the front of the analyzer. Access to your captured traces, your ability to store and retrieve data, and your print capabilities depend on your PC and network environment. A smaller footprint saves valuable workspace and makes for easy portability.
Series-PC
1690
hosted
8
..............................................................................
Your Agilent logic analyzer helps you expose problems quickly and easily, so you can spend your time designing a solution. The instrument's navigation, data view and analysis features provide instant insights into your system's operation.
Get instant insights into your design
Trace Navigation
Traverse the trace quickly using Beginning, Trigger and End icons. Scroll rapidly through the measurement using the dedicated knobs or GUI scroll bars. Zoom in and out to get just the view you want. Receive instant feedback on the exact position of the display data relative to the entire trace.
Data View
Check the activity indicators to see if your target is alive. Individually color and size the signals/buses to highlight and differentiate areas of interest. View data in a format you understand-- binary, hex, decimal, ASCII, or user defined symbols. Compare signals/buses directly with the Overlay feature.
Analysis Tools
Find meaning in the most complex data with Find and Filter tools. Gain quick insights into event frequency by using the color selection in the Filter tool. Simultaneously view bus values and chart bus activity over time.
9
www.agilent.com/find/logic
Channels State Analysis State speed State memory depth
136, 102, 68, 34
200 MHz Standard (`A' Series): 256 K Deep (`AD' Series): 1 M 1.2 ns 4 ns or 0.1%, whichever is greater 17 seconds 4 (2 on 34 channel models) 5.0 ns 2.0 ns 5.0 ns 2.5 ns window adjustable from 4.5/-2 ns to -2.0/4.5 ns in 100 ps increments per channel 3.0 ns window adjustable from 5.0/-2 ns to -1.5/4.5 ns in 100 ps increments per channel
Specifications, Characteristics, and Probe Compatibility
442.70 mm 17.429 in.
Minimum state clock pulse width Time tag resolution Maximum time count between states State clock/qualifiers Minimum master-to-master clock time Minimum master-to-slave clock time Minimum slave-to-master clock time Setup/hold time (Single clock, single edge) Setup/hold time (Multiple clock, multi edge)
256.71 mm 10.107 in.
Timing Analysis Timing speed Timing memory depth Sample period, full channels Sample period, half channels Sample period accuracy Channel-to-channel skew 800/400 MHz (half/full channel) Standard (`A' Series): 1 M/512 K (half/full channel) Deep `AD' Series): 4 M/2 M (half/full channel) 2.5 ns to 1 ms 1.25 ns (0.01% of Sample period 100 ps) < 1.5 ns typical (Sample period accuracy + channel-to-channel skew +0.01% of reading)
384.53 mm 15.139 in.
Time interval accuracy Triggering Sequencer speed Maximum occurrence counter Range width Timer value range Timer resolution Timer accuracy Trigger resources Timers
200 MHz 16,777,215 32 bits 100 ns to 5497 seconds 5 ns 10 ns 0.01% of setting 16 patterns 15 ranges 3 (136 channels) 2 (102 channels) 1 (68 channels) 0 (34 channels) 1 per sequence level 16 15 ns typical delay 150 ns typical delay
1680 Series dimensions
437.66 mm 17.231 in.
Occurrence counters Trigger sequence levels Trigger in arms logic analyzer
152.92 mm 6.020 in.
Trigger to trigger out Probe Compatibility (Probes ordered separately) E5383A E5346A E5394A E5385A E5339A E5351A
334.19 mm 13.157 in.
17-channel flying lead probe 34-channel Mictor probe 34-channel soft touch connectorless probe 34-channel Samtec probe 34-channel low voltage Mictor probe 34-channel unterminated Mictor probe
1690 Series dimensions
10
A family of high-performance logic analyzers at an affordable price
..............................................................................
Agilent's Windows-based logic analyzers are designed to match your work style, application and budget. All, models offer a variety of channel counts and memory depths in standalone or PC-hosted form factors. Each provides the same performance, core features and functionality in a small footprint that saves valuable workspace.
Measurement Modes Timing: 800/400 MHz (half/full channel) State: 200 MHz Transitional Timing: 200 MHz Memory Depths Standard (`A` Series): 1 M/512 K (full/half channel) Deep (`AD' Series): 4 M/2 M (half/full channel) Standard (`A' Series): 256 K Deep (`AD' Series): 1 M Standard (`A` Series): 256 K Deep (`AD' Series): 1 M
1680 Series
* * * * * Self-contained standalone instrument Large, built-in, 12.1-inch color display Cable flexibility--front or back Front panel knobs and hot keys Includes a mouse, mini keyboard, front panel cover and accessory pouch
1690 Series
* * * * * PC-hosted instrument Uses PC display Cable connection from the front Small footprint, lowest price Includes desktop IEEE 1394 PCI card and cable, laptop IEEE 1394 cable and accessory pouch
..............................................................................................
Selecting a logic analyzer to meet your application and budget is as easy as 1, 2, 3.
1 Choose the form factor 2 Choose the memory depth 3 Select the channel count. 136 Channels Standalone 1680 Series Standard Memory Deep Memory PC-Hosted 1690 Series Standard Memory Deep Memory 1680A 1680AD 1690A 1690AD 102 Channels 1681A 1681AD 1691A 1691AD 68 Channels 1682A 1682AD 1692A 1692AD 34 Channels 1683A 1683AD 1693A 1693AD
NOTE: Probes are ordered separately. Please specify probes when ordering to ensure the correct connection between your logic analyzer and device under test. Order any combination and quantity of the probes listed on page 10.
11
Agilent Technologies' Test and Measurement Support, Services, and Assistance Agilent Technologies aims to maximize the value you receive, while minimizing your risk and problems. We strive to ensure that you get the test and measurement capabilities you paid for and obtain the support you need. Our extensive support resources and services can help you choose the right Agilent products for your applications and apply them successfully. Every instrument and system we sell has a global warranty. Support is available for at least five years beyond the production life of the product. Two concepts underlie Agilent's overall support policy: "Our Promise" and "Your Advantage."
Solve critical digital design problems faster.
Our Promise Our Promise means your Agilent test and measurement equipment will meet its advertised performance and functionality. When you are choosing new equipment, we will help you with product information, including realistic performance specifications and practical recommendations from experienced test engineers. When you use Agilent equipment, we can verify that it works properly, help with product operation, and provide basic measurement assistance for the use of specified capabilities, at no extra cost upon request. Many self-help tools are available.
Get there today: www.agilent.com/find/logic
Your Advantage
Create a quality connection to your target system
Agilent provides probing solutions that deliver a solid electrical and mechanical connection to your target, no matter what mix of chip packages, test ports and probes your application requires. The 1680 and 1690 Series logic analyzers also provide inverse assembly support for many of today's leading processors and buses. The following literature provides information on probing and specific processor/bus solutions for the 1680 and 1690 Series analyzers. For copies of this literature, contact your Agilent representative or visit: www.agilent.com/find/logic
Your Advantage means that Agilent offers a wide range of additional expert test and measurement services, which you can purchase according to your unique technical and business needs. Solve problems efficiently and gain a competitive edge by contracting with us for calibration, extra-cost upgrades, out-of-warranty repairs, and on-site education and training, as well as design, system integration, project management, and other professional engineering services. Experienced Agilent engineers and technicians worldwide can help you maximize your productivity, optimize the return on investment of your Agilent instruments and systems, and obtain dependable measurement accuracy for the life of those products.
www.agilent.com/find/emailupdates Get the latest information on the products and applications you select. Agilent Pub. Number 5968-4632E 5966-4365E
For more assistance with your test and measurement needs or to find your local Agilent office go to
www.agilent.com/find/assist
Product specifications and descriptions in this document subject to change without notice. (c) Agilent Technologies, Inc. 2003 Printed in USA October 29, 2003
Intel is a U.S. registered trademark and Celeron is a U.S. trademark of Intel Corporation. Microsoft and Windows are U.S. registered trademarks of Microsoft Corporation.
Publication Probing Solutions for Agilent Logic Analysis Systems Processor and Bus Support for Agilent Technologies Logic Analyzers
Description Product Overview Configuration Guide
5988-2675EN
12


▲Up To Search▲   

 
Price & Availability of 1680A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X